Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 418Page - Renesas Technology Corp SH7261 Datasheet HTML 419Page - Renesas Technology Corp SH7261 Datasheet HTML 420Page - Renesas Technology Corp SH7261 Datasheet HTML 421Page - Renesas Technology Corp SH7261 Datasheet HTML 422Page - Renesas Technology Corp SH7261 Datasheet HTML 423Page - Renesas Technology Corp SH7261 Datasheet HTML 424Page - Renesas Technology Corp SH7261 Datasheet HTML 425Page - Renesas Technology Corp SH7261 Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 390 of 1312
REJ09B0320-0200
Table 12.10 TPSC1 and TPSC0 (Channel 5)
Channel
Bit 1
TPSC1
Bit 0
TPSC0
Description
5
0
0
Internal clock: counts on P
φ/1
1
Internal clock: counts on P
φ/4
1
0
Internal clock: counts on P
φ/16
1
Internal clock: counts on P
φ/64
Note:
Bits 7 to 2 are reserved in channel 5. These bits are always read as 0. The write value
should always be 0.
12.3.2
Timer Mode Register (TMDR)
The TMDR registers are 8-bit readable/writable registers that are used to set the operating mode of
each channel. The MTU2 has five TMDR registers, one each for channels 0 to 4. TMDR register
settings should be changed only when TCNT operation is stopped.
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
BFE
BFB
BFA
MD[3:0]
Bit
Bit Name
Initial
Value
R/W
Description
7
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
BFE
0
R/W
Buffer Operation E
Specifies whether TGRE_0 and TGRF_0 are to operate
in the normal way or to be used together for buffer
operation.
When TGRF is used as a buffer register, TGRF
compare match is generated.
In channels 1 to 4, this bit is reserved. It is always read
as 0 and the write value should always be 0.
0: TGRE_0 and TGRF_0 operate normally
1: TGRE_0 and TGRF_0 used together for buffer
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com