Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 421Page - Renesas Technology Corp SH7261 Datasheet HTML 422Page - Renesas Technology Corp SH7261 Datasheet HTML 423Page - Renesas Technology Corp SH7261 Datasheet HTML 424Page - Renesas Technology Corp SH7261 Datasheet HTML 425Page - Renesas Technology Corp SH7261 Datasheet HTML 426Page - Renesas Technology Corp SH7261 Datasheet HTML 427Page - Renesas Technology Corp SH7261 Datasheet HTML 428Page - Renesas Technology Corp SH7261 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 393 of 1312
REJ09B0320-0200
12.3.3
Timer I/O Control Register (TIOR)
The TIOR registers are 8-bit readable/writable registers that control the TGR registers. The MTU2
has a total of eleven TIOR registers, two each for channels 0, 3, and 4, one each for channels 1 and
2, and three (TIORU_5, TIORV_5, and TIORW_5) for channel 5.
TIOR should be set while TMDR is set in normal operation, PWM mode, or phase counting mode.
The initial output specified by TIOR is valid when the counter is stopped (the CST bit in TSTR is
cleared to 0). Note also that, in PWM mode 2, the output at the point at which the counter is
cleared to 0 is specified.
When TGRC or TGRD is designated for buffer operation, this setting is invalid and the register
operates as a buffer register.
• TIORH_0, TIOR_1, TIOR_2, TIORH_3, TIORH_4
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
IOB[3:0]
IOA[3:0]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
IOB[3:0]
0000
R/W
I/O Control B0 to B3
Specify the function of TGRB.
See the following tables.
TIORH_0: Table 12.12
TIOR_1:
Table 12.14
TIOR_2:
Table 12.15
TIORH_3: Table 12.16
TIORH_4: Table 12.18
3 to 0
IOA[3:0]
0000
R/W
I/O Control A0 to A3
Specify the function of TGRA.
See the following tables.
TIORH_0: Table 12.20
TIOR_1:
Table 12.22
TIOR_2:
Table 12.23
TIORH_3: Table 12.24
TIORH_4: Table 12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com