Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 504 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 500Page - Renesas Technology Corp SH7261 Datasheet HTML 501Page - Renesas Technology Corp SH7261 Datasheet HTML 502Page - Renesas Technology Corp SH7261 Datasheet HTML 503Page - Renesas Technology Corp SH7261 Datasheet HTML 504Page - Renesas Technology Corp SH7261 Datasheet HTML 505Page - Renesas Technology Corp SH7261 Datasheet HTML 506Page - Renesas Technology Corp SH7261 Datasheet HTML 507Page - Renesas Technology Corp SH7261 Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 472 of 1312
REJ09B0320-0200
(3)
Selecting Timing for Transfer from Buffer Registers to Timer General Registers in
Buffer Operation:
The timing for transfer from buffer registers to timer general registers can be selected in PWM
mode 1 or 2 for channel 0 or in PWM mode 1 for channels 3 and 4 by setting the buffer operation
transfer mode registers (TBTM_0, TBTM_3, and TBTM_4). Either compare match (initial
setting) or TCNT clearing can be selected for the transfer timing. TCNT clearing as transfer
timing is one of the following cases.
• When TCNT overflows (H'FFFF to H'0000)
• When H'0000 is written to TCNT during counting
• When TCNT is cleared to H'0000 under the condition specified in the CCLR2 to CCLR0 bits
in TCR
Note:
TBTM must be modified only while TCNT stops.
Figure 12.19 shows an operation example in which PWM mode 1 is designated for channel 0 and
buffer operation is designated for TGRA_0 and TGRC_0. The settings used in this example are
TCNT_0 clearing by compare match B, 1 output at compare match A, and 0 output at compare
match B. The TTSA bit in TBTM_0 is set to 1.
TCNT_0 value
H'0000
TGRA_0
Time
TIOCA
TGRC_0
H'0520
H'0520
H'0450
H'0450
H'0200
H'0520
H'0450
H'0200
H'0200
TGRB_0
TGRA_0
Transfer
Figure 12.19 Example of Buffer Operation When TCNT_0 Clearing is Selected for
TGRC_0 to TGRA_0 Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com