Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 680 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 680 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 676Page - Renesas Technology Corp SH7261 Datasheet HTML 677Page - Renesas Technology Corp SH7261 Datasheet HTML 678Page - Renesas Technology Corp SH7261 Datasheet HTML 679Page - Renesas Technology Corp SH7261 Datasheet HTML 680Page - Renesas Technology Corp SH7261 Datasheet HTML 681Page - Renesas Technology Corp SH7261 Datasheet HTML 682Page - Renesas Technology Corp SH7261 Datasheet HTML 683Page - Renesas Technology Corp SH7261 Datasheet HTML 684Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 680 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 648 of 1312
REJ09B0320-0200
15.3.7
Month Counter (RMONCNT)
RMONCNT is used for setting/counting in the BCD-coded month section. The count operation is
performed by a carry for each month of the date counter.
The assignable range is from 01 through 12 (practically in BCD), otherwise operation errors occur.
Carry out write processing after stopping the count operation through the setting of the START bit
in RCR2.
RMONCNT is not initialized by a power-on reset or manual reset, or in deep standby and software
standby modes.
0
1
2
3
4
5
6
7
0
R/W
R/W
R/W
R
0
R
Bit:
Initial value:
R/W:
——
0
R
—
10
months
——
R/W
R/W
——
—
1 month
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
4
10 months
Undefined
R/W
Counting Ten's Position of Months
3 to 0
1 month
Undefined
R/W
Counting One's Position of Months
Counts on 0 to 9 once per month. When a carry is
generated, 1 is added to the ten's position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com