Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 681 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 681 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 677Page - Renesas Technology Corp SH7261 Datasheet HTML 678Page - Renesas Technology Corp SH7261 Datasheet HTML 679Page - Renesas Technology Corp SH7261 Datasheet HTML 680Page - Renesas Technology Corp SH7261 Datasheet HTML 681Page - Renesas Technology Corp SH7261 Datasheet HTML 682Page - Renesas Technology Corp SH7261 Datasheet HTML 683Page - Renesas Technology Corp SH7261 Datasheet HTML 684Page - Renesas Technology Corp SH7261 Datasheet HTML 685Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 681 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 649 of 1312
REJ09B0320-0200
15.3.8
Year Counter (RYRCNT)
RYRCNT is used for setting/counting in the BCD-coded year section. The count operation is
performed by a carry for each year of the month counter.
The assignable range is from 0000 through 9999 (practically in BCD), otherwise operation errors
occur. Carry out write processing after stopping the count operation through the setting of the
START bit in RCR2.
RYRCNT is not initialized by a power-on reset or manual reset, in deep standby mode or software
standby mode.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
15
14
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
1000 years
100 years
10 years
1 year
—
——
—
——
—
——
—
——
—
——
—
Bit
Bit Name
Initial
Value
R/W
Description
15 to 12 1000 years Undefined
R/W
Counting Thousand's Position of Years
11 to 8
100 years
Undefined
R/W
Counting Hundred's Position of Years
7 to 4
10 years
Undefined
R/W
Counting Ten's Position of Years
3 to 0
1 year
Undefined
R/W
Counting One's Position of Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com