Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 702 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 702 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 698Page - Renesas Technology Corp SH7261 Datasheet HTML 699Page - Renesas Technology Corp SH7261 Datasheet HTML 700Page - Renesas Technology Corp SH7261 Datasheet HTML 701Page - Renesas Technology Corp SH7261 Datasheet HTML 702Page - Renesas Technology Corp SH7261 Datasheet HTML 703Page - Renesas Technology Corp SH7261 Datasheet HTML 704Page - Renesas Technology Corp SH7261 Datasheet HTML 705Page - Renesas Technology Corp SH7261 Datasheet HTML 706Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 670 of 1312
REJ09B0320-0200
• Four types of interrupts: Transmit-FIFO-data-empty, break, receive-FIFO-data-full, and
receive-error interrupts are requested independently.
• When the SCIF is not in use, it can be stopped by halting the clock supplied to it, saving
power.
• The quantity of data in the transmit and receive FIFO registers and the number of receive
errors of the receive data in the receive FIFO register can be ascertained.
• A time-out error (DR) can be detected when receiving in asynchronous mode.
Figure 16.1 shows a block diagram of the SCIF.
P
φ
SCFRDR (16 stage)
SCFTDR (16 stage)
SCRSR
SCTSR
SCSMR
SCLSR
SCFDR
SCFCR
SCFSR
SCSCR
SCSPTR
SCBRR
TXI
RXI
ERI
BRI
P
φ/4
P
φ/16
P
φ/64
SCK
TxD
RxD
SCIF
Module data bus
Parity generation
Parity check
Transmission/reception
control
Baud rate
generator
Clock
External clock
Peripheral
bus
SCRSR:
SCFRDR:
SCTSR:
SCFTDR:
SCSMR:
SCSCR:
[Legend]
SCFSR:
SCBRR:
SCSPTR:
SCFCR:
SCFDR:
SCLSR:
Receive shift register
Receive FIFO data register
Transmit shift register
Transmit FIFO data register
Serial mode register
Serial control register
Serial status register
Bit rate register
Serial port register
FIFO control register
FIFO data count register
Line status register
Figure 16.1 Block Diagram of SCIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com