Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 703 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 703 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 699Page - Renesas Technology Corp SH7261 Datasheet HTML 700Page - Renesas Technology Corp SH7261 Datasheet HTML 701Page - Renesas Technology Corp SH7261 Datasheet HTML 702Page - Renesas Technology Corp SH7261 Datasheet HTML 703Page - Renesas Technology Corp SH7261 Datasheet HTML 704Page - Renesas Technology Corp SH7261 Datasheet HTML 705Page - Renesas Technology Corp SH7261 Datasheet HTML 706Page - Renesas Technology Corp SH7261 Datasheet HTML 707Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 671 of 1312
REJ09B0320-0200
16.2
Input/Output Pins
Table 16.1 shows the pin configuration of the SCIF.
Table 16.1
Pin Configuration
Channel
Pin Name
Symbol
I/O
Function
Serial clock pins
SCK0 to SCK7
I/O
Clock I/O
Receive data pins
RxD0 to RxD7
Input
Receive data input
0 to 7
Transmit data pins
TxD0 to TxD7
Output
Transmit data output
16.3
Register Descriptions
The SCIF has the following registers.
Table 16.2
Register Configuration
Channel
Register Name
Abbreviation
R/W
Initial Value Address
Access
Size
Serial mode register_0
SCSMR_0
R/W
H'0000
H'FFFE8000
16
Bit rate register_0
SCBRR_0
R/W
H'FF
H'FFFE8004
8
Serial control register_0
SCSCR_0
R/W
H'0000
H'FFFE8008
16
Transmit FIFO data register_0
SCFTDR_0
W
Undefined
H'FFFE800C
8
Serial status register_0
SCFSR_0
R/(W)*
1
H'0060
H'FFFE8010
16
Receive FIFO data register_0
SCFRDR_0
R
Undefined
H'FFFE8014
8
FIFO control register_0
SCFCR_0
R/W
H'0000
H'FFFE8018
16
FIFO data count register_0
SCFDR_0
R
H'0000
H'FFFE801C
16
Serial port register_0
SCSPTR_0
R/W
H'0050
H'FFFE8020
16
0
Line status register_0
SCLSR_0
R/(W)*
2
H'0000
H'FFFE8024
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com