Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 707 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 707 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 703Page - Renesas Technology Corp SH7261 Datasheet HTML 704Page - Renesas Technology Corp SH7261 Datasheet HTML 705Page - Renesas Technology Corp SH7261 Datasheet HTML 706Page - Renesas Technology Corp SH7261 Datasheet HTML 707Page - Renesas Technology Corp SH7261 Datasheet HTML 708Page - Renesas Technology Corp SH7261 Datasheet HTML 709Page - Renesas Technology Corp SH7261 Datasheet HTML 710Page - Renesas Technology Corp SH7261 Datasheet HTML 711Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 707 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 675 of 1312
REJ09B0320-0200
16.3.1
Receive Shift Register (SCRSR)
SCRSR receives serial data. Data input at the RxD pin is loaded into SCRSR in the order received,
LSB (bit 0) first, converting the data to parallel form. When one byte has been received, it is
automatically transferred to the receive FIFO data register (SCFRDR).
The CPU cannot read or write to SCRSR directly.
0
1
2
3
4
5
6
7
Bit:
Initial value:
R/W:
————————
————————
16.3.2
Receive FIFO Data Register (SCFRDR)
SCFRDR is a 16-byte FIFO register that stores serial receive data. The SCIF completes the
reception of one byte of serial data by moving the received data from the receive shift register
(SCRSR) into SCFRDR for storage. Continuous reception is possible until 16 bytes are stored.
The CPU can read but not write to SCFRDR. If data is read when there is no receive data in the
SCFRDR, the value is undefined.
When SCFRDR is full of receive data, subsequent serial data is lost.
SCFRDR is initialized to an undefined value by a power-on reset or in deep standby mode.
0
1
2
3
4
5
6
7
R
R
R
R
R
R
R
R
Bit:
Initial value:
R/W:
————————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com