Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 711 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 711 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 707Page - Renesas Technology Corp SH7261 Datasheet HTML 708Page - Renesas Technology Corp SH7261 Datasheet HTML 709Page - Renesas Technology Corp SH7261 Datasheet HTML 710Page - Renesas Technology Corp SH7261 Datasheet HTML 711Page - Renesas Technology Corp SH7261 Datasheet HTML 712Page - Renesas Technology Corp SH7261 Datasheet HTML 713Page - Renesas Technology Corp SH7261 Datasheet HTML 714Page - Renesas Technology Corp SH7261 Datasheet HTML 715Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 679 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
STOP
0
R/W
Stop Bit Length
Selects one or two bits as the stop bit length in
asynchronous mode. This setting is used only in
asynchronous mode. It is ignored in clocked
synchronous mode because no stop bits are added.
When receiving, only the first stop bit is checked,
regardless of the STOP bit setting. If the second stop
bit is 1, it is treated as a stop bit, but if the second stop
bit is 0, it is treated as the start bit of the next incoming
character.
0: One stop bit
When transmitting, a single 1-bit is added at the end
of each transmitted character.
1: Two stop bits
When transmitting, two 1 bits are added at the end of
each transmitted character.
2
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1, 0
CKS[1:0]
00
R/W
Clock Select
Select the internal clock source of the on-chip baud rate
generator. For further information on the clock source,
bit rate register settings, and baud rate, see section
16.3.8, Bit Rate Register (SCBRR).
00: P
φ
01: P
φ/4
10: P
φ/16
11: P
φ/64
Note: P
φ: Peripheral clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com