Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 708 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 708 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 704Page - Renesas Technology Corp SH7261 Datasheet HTML 705Page - Renesas Technology Corp SH7261 Datasheet HTML 706Page - Renesas Technology Corp SH7261 Datasheet HTML 707Page - Renesas Technology Corp SH7261 Datasheet HTML 708Page - Renesas Technology Corp SH7261 Datasheet HTML 709Page - Renesas Technology Corp SH7261 Datasheet HTML 710Page - Renesas Technology Corp SH7261 Datasheet HTML 711Page - Renesas Technology Corp SH7261 Datasheet HTML 712Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 708 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 676 of 1312
REJ09B0320-0200
16.3.3
Transmit Shift Register (SCTSR)
SCTSR transmits serial data. The SCIF loads transmit data from the transmit FIFO data register
(SCFTDR) into SCTSR, then transmits the data serially from the TxD pin, LSB (bit 0) first. After
transmitting one data byte, the SCIF automatically loads the next transmit data from SCFTDR into
SCTSR and starts transmitting again.
The CPU cannot read or write to SCTSR directly.
0
1
2
3
4
5
6
7
Bit:
Initial value:
R/W:
————————
————————
16.3.4
Transmit FIFO Data Register (SCFTDR)
SCFTDR is a 16-byte FIFO register that stores data for serial transmission. When the SCIF detects
that the transmit shift register (SCTSR) is empty, it moves transmit data written in the SCFTDR
into SCTSR and starts serial transmission. Continuous serial transmission is performed until there
is no transmit data left in SCFTDR. The CPU can write to SCFTDR at all times.
When SCFTDR is full of transmit data (16 bytes), no more data can be written. If writing of new
data is attempted, the data is ignored.
SCFTDR is initialized to an undefined value by a power-on reset or in deep standby mode.
0
1
2
3
4
5
6
7
WWWWWWWW
Bit:
Initial value:
R/W:
————————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com