Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 714 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 714 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 710Page - Renesas Technology Corp SH7261 Datasheet HTML 711Page - Renesas Technology Corp SH7261 Datasheet HTML 712Page - Renesas Technology Corp SH7261 Datasheet HTML 713Page - Renesas Technology Corp SH7261 Datasheet HTML 714Page - Renesas Technology Corp SH7261 Datasheet HTML 715Page - Renesas Technology Corp SH7261 Datasheet HTML 716Page - Renesas Technology Corp SH7261 Datasheet HTML 717Page - Renesas Technology Corp SH7261 Datasheet HTML 718Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 682 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
RE
0
R/W
Receive Enable
Enables or disables the SCIF serial receiver.
0: Receiver disabled*
1
1: Receiver enabled*
2
Notes:1. Clearing RE to 0 does not affect the receive
flags (DR, ER, BRK, RDF, FER, PER, and
ORER). These flags retain their previous
values.
2. Serial reception starts when a start bit is
detected in asynchronous mode, or
synchronous clock input is detected in
clocked synchronous mode. Select the
receive format in SCSMR and SCFCR and
reset the receive FIFO before setting RE to 1.
3
REIE
0
R/W
Receive Error Interrupt Enable
Enables or disables the receive-error (ERI) interrupts
and break (BRI) interrupts. The setting of REIE bit is
valid only when RIE bit is set to 0.
0: Receive-error interrupt (ERI) and break interrupt
(BRI) requests are disabled
1: Receive-error interrupt (ERI) and break interrupt
(BRI) requests are enabled*
Note: * ERI or BRI interrupt requests can be cleared by
reading the ER, BR or ORER flag after it has
been set to 1, then clearing the flag to 0, or by
clearing RIE and REIE to 0. Even if RIE is set
to 0, when REIE is set to 1, ERI or BRI
interrupt requests are enabled. Set so If SCIF
wants to inform INTC of ERI or BRI interrupt
requests during DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com