Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 701 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 701 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 697Page - Renesas Technology Corp SH7261 Datasheet HTML 698Page - Renesas Technology Corp SH7261 Datasheet HTML 699Page - Renesas Technology Corp SH7261 Datasheet HTML 700Page - Renesas Technology Corp SH7261 Datasheet HTML 701Page - Renesas Technology Corp SH7261 Datasheet HTML 702Page - Renesas Technology Corp SH7261 Datasheet HTML 703Page - Renesas Technology Corp SH7261 Datasheet HTML 704Page - Renesas Technology Corp SH7261 Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 669 of 1312
REJ09B0320-0200
Section 16 Serial Communication Interface with FIFO
(SCIF)
This LSI has an eight-channel serial communication interface with FIFO (SCIF) that supports both
asynchronous and clocked synchronous serial communication. It also has 16-stage FIFO registers
for both transmission and reception independently for each channel that enable this LSI to perform
efficient high-speed continuous communication.
16.1
Features
• Asynchronous serial communication:
 Serial data communication is performed by start-stop in character units. The SCIF can
communicate with a universal asynchronous receiver/transmitter (UART), an asynchronous
communication interface adapter (ACIA), or any other communications chip that employs
a standard asynchronous serial system. There are eight selectable serial data
communication formats.
 Data length: 7 or 8 bits
 Stop bit length: 1 or 2 bits
 Parity: Even, odd, or none
 Receive error detection: Parity, framing, and overrun errors
 Break detection: Break is detected when a framing error is followed by at least one frame at
the space 0 level (low level). It is also detected by reading the RxD level directly from the
serial port register when a framing error occurs.
• Clocked synchronous serial communication:
 Serial data communication is synchronized with a clock signal. The SCIF can communicate
with other chips having a clocked synchronous communication function. There is one serial
data communication format.
 Data length: 8 bits
 Receive error detection: Overrun errors
• Full duplex communication: The transmitting and receiving sections are independent, so the
SCIF can transmit and receive simultaneously. Both sections use 16-stage FIFO buffering, so
high-speed continuous data transfer is possible in both the transmit and receive directions.
• On-chip baud rate generator with selectable bit rates
• Internal or external transmit/receive clock source: From either baud rate generator (internal) or
SCK pin (external)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com