Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 697 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 697 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 693Page - Renesas Technology Corp SH7261 Datasheet HTML 694Page - Renesas Technology Corp SH7261 Datasheet HTML 695Page - Renesas Technology Corp SH7261 Datasheet HTML 696Page - Renesas Technology Corp SH7261 Datasheet HTML 697Page - Renesas Technology Corp SH7261 Datasheet HTML 698Page - Renesas Technology Corp SH7261 Datasheet HTML 699Page - Renesas Technology Corp SH7261 Datasheet HTML 700Page - Renesas Technology Corp SH7261 Datasheet HTML 701Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 665 of 1312
REJ09B0320-0200
15.5
Usage Notes
15.5.1
Register Writing during RTC Count
Do not write to the count registers (RSECCNT, RMINCNT, RHRCNT, RDAYCNT, RWKCNT,
RMONCNT, and RYRCNT) during the RTC counting (while the START bit in RCR2 is 1). If any
of the count registers is written to during the RTC counting, the count register may not be read
correctly immediately after the execution of a write instruction. The RTC counting must be
stopped before writing to any of the count registers.
15.5.2
Use of Realtime Clock (RTC) Periodic Interrupts
The method of using the periodic interrupt function is shown in figure 15.5.
A periodic interrupt can be generated periodically at the interval set by the flags PES0 to PES2 in
RCR2. When the time set by the PES0 to PES2 has elapsed, the PEF is set to 1.
The PEF is cleared to 0 upon periodic interrupt generation or when the flags PES0 to PES2 are set.
Periodic interrupt generation can be confirmed by reading this bit, but normally the interrupt
function is used.
Set PES0 to PES2,
and clear PEF to 0,
in RCR2
Clear PEF to 0
Set PES, clear PEF
Elapse of time set by PES
Clear PEF
Figure 15.5 Using Periodic Interrupt Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com