Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 693 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 693 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 689Page - Renesas Technology Corp SH7261 Datasheet HTML 690Page - Renesas Technology Corp SH7261 Datasheet HTML 691Page - Renesas Technology Corp SH7261 Datasheet HTML 692Page - Renesas Technology Corp SH7261 Datasheet HTML 693Page - Renesas Technology Corp SH7261 Datasheet HTML 694Page - Renesas Technology Corp SH7261 Datasheet HTML 695Page - Renesas Technology Corp SH7261 Datasheet HTML 696Page - Renesas Technology Corp SH7261 Datasheet HTML 697Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 661 of 1312
REJ09B0320-0200
15.3.18
RTC Control Register 3 (RCR3)
When the ENB bit in RCR3 is set to 1, RCR3 compares the value of RYRCNT and that of
RYRAR. From among RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/RMONAR/RCR3, the
counter and alarm register comparison is performed only on those with ENB bits set to 1, and if
each of those coincides, an alarm flag of RCR1 is set to 1.
The ENB bit in RCR3 is initialized by a power-on reset or in deep standby mode. Remaining
fields of RCR3 are not initialized by a power-on reset or manual reset, or in deep standby and
software standby modes.
0
1
2
3
4
5
6
7
0
R/W
0
R
0
R
0
R
0
R
0
R
0
R
0
R
Bit:
Initial value:
R/W:
ENB
—
—
—
—
—
——
Bit
Bit Name
Initial
Value
R/W
Description
7
ENB
0
R/W
When this bit is set to 1, comparison of the year alarm
register (RYRAR) and the year counter (RYRCNT) is
performed.
6 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com