Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 696 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 696 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 692Page - Renesas Technology Corp SH7261 Datasheet HTML 693Page - Renesas Technology Corp SH7261 Datasheet HTML 694Page - Renesas Technology Corp SH7261 Datasheet HTML 695Page - Renesas Technology Corp SH7261 Datasheet HTML 696Page - Renesas Technology Corp SH7261 Datasheet HTML 697Page - Renesas Technology Corp SH7261 Datasheet HTML 698Page - Renesas Technology Corp SH7261 Datasheet HTML 699Page - Renesas Technology Corp SH7261 Datasheet HTML 700Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 696 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 664 of 1312
REJ09B0320-0200
15.4.4
Alarm Function
Figure 15.4 shows how to use the alarm function.
Write 0 to AIE in RCR1
to prevent errorneous interrupt
Clock running
Set alarm time
Disable alarm interrupt
Always clear, since the flag may have been
set while the alarm time was being set.
Write 1 to AIE in RCR1
Clear alarm flag
Enable alarm interrupt
Monitor alarm time
(wait for interrupt or
check alarm flag)
Figure 15.4 Using Alarm Function
Alarms can be generated using seconds, minutes, hours, day of the week, date, month, year, or any
combination of these. Set the ENB bit in the register on which the alarm is placed to 1, and then
set the alarm time in the lower bits. Clear the ENB bit in the register on which the alarm is not
placed to 0.
When the clock and alarm times match, 1 is set in the AF bit in RCR1. Alarm detection can be
checked by reading this bit, but normally it is done by interrupt. If 1 is set in the AIE bit in RCR1,
an interrupt is generated when an alarm occurs.
The alarm flag is set when the clock and alarm times match. However, the alarm flag can be
cleared by writing 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com