Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 692 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 692 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 688Page - Renesas Technology Corp SH7261 Datasheet HTML 689Page - Renesas Technology Corp SH7261 Datasheet HTML 690Page - Renesas Technology Corp SH7261 Datasheet HTML 691Page - Renesas Technology Corp SH7261 Datasheet HTML 692Page - Renesas Technology Corp SH7261 Datasheet HTML 693Page - Renesas Technology Corp SH7261 Datasheet HTML 694Page - Renesas Technology Corp SH7261 Datasheet HTML 695Page - Renesas Technology Corp SH7261 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 660 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
RTCEN
1
R/W
Crystal Oscillator Control
Controls the operation of the crystal oscillator for the
RTC.
0: Halts the crystal oscillator for the RTC.
1: Runs the crystal oscillator for the RTC.
2
ADJ
0
R/W
30-Second Adjustment
When 1 is written to the ADJ bit, times of 29 seconds or
less will be rounded to 00 seconds and 30 seconds or
more to 1 minute. The divider circuit (RTC prescaler
and R64CNT) will be simultaneously reset. This bit
always reads 0.
Important: When using this bit, see section 15.5.5,
Procedure for Setting the 30-Second Adjustment
Function.
0: Runs normally.
1: 30-second adjustment.
1
RESET
0
R/W
Reset
Writing 1 to this bit initializes the divider circuit. In this
case, the RESET bit is automatically reset to 0 after 1 is
written to and the divider circuit (RTC prescaler and
R64CNT) is reset. Thus, there is no need to write 1 to
this bit. This bit is always read as 0.
0: Runs normally.
1: Divider circuit is reset.
0
START
1
R/W
Start Bit
Halts and restarts the counter (clock).
0: Second/minute/hour/day/week/month/year counter
halts.
1: Second/minute/hour/day/week/month/year counter
runs normally.
Note: The 64-Hz counter always runs unless stopped
with the RTCEN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com