Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 698 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 698 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 694Page - Renesas Technology Corp SH7261 Datasheet HTML 695Page - Renesas Technology Corp SH7261 Datasheet HTML 696Page - Renesas Technology Corp SH7261 Datasheet HTML 697Page - Renesas Technology Corp SH7261 Datasheet HTML 698Page - Renesas Technology Corp SH7261 Datasheet HTML 699Page - Renesas Technology Corp SH7261 Datasheet HTML 700Page - Renesas Technology Corp SH7261 Datasheet HTML 701Page - Renesas Technology Corp SH7261 Datasheet HTML 702Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 698 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 666 of 1312
REJ09B0320-0200
15.5.3
Transition to Standby Mode after Setting Register
When a transition to standby mode is made after registers in the RTC are set, sometimes counting
is not performed correctly. In case the registers are set, be sure to make a transition to standby
mode after waiting for two RTC clocks or more.
15.5.4
Crystal Oscillator Circuit for RTC
Crystal oscillator circuit constants (recommended values) for the RTC are shown in table 15.3, and
the RTC crystal oscillator circuit in figure 15.6.
Table 15.3
Crystal Oscillator Circuit Constants (Recommended Values)
f
osc
C
in
C
out
32.768 kHz
10 to 22 pF
10 to 22 pF
This LSI
RTC_X1
RTC_X2
XTAL
C
in
C
out
R
f
R
D
Notes: 1. Select either the C
in or Cout side for frequency adjustment variable capacitor according to requirements such
as frequency range, degree of stability, etc.
2. Built-in resistance value R
f (Typ value) = 10 MΩ, RD (Typ value) = 400 kΩ
3. Cin and Cout values include floating capacitance due to the wiring. Take care when using a ground plane.
4. The crystal oscillation stabilization time may differ depending on the mounted circuit component constants,
stray capacitance, and so forth, so a suitable value should be determined in consultation with the resonator
manufacturer.
5. Place the crystal resonator and load capacitors C
in and Cout as close as possible to the chip. Make wiring
length as short as possible. Do not allocate signal lines close to oscillation circuit.
(Correct oscillation may not be possible if there is externally induced noise in the RTC_X1 and RTC_X2 pins.)
6. Ensure that the wiring of the crystal oscillator connection pins (RTC_X1 and RTC_X2) is routed as far away as
possible from the power lines (except GND) and signal lines.
7. When crystal oscillation circuit for RTC is not used, connect the RTC_X1 pin to GND and leave the RTC_X2
pin open
Figure 15.6 Example of Connecting Crystal Oscillator Circuit for RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com