Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 830 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 830 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 826Page - Renesas Technology Corp SH7261 Datasheet HTML 827Page - Renesas Technology Corp SH7261 Datasheet HTML 828Page - Renesas Technology Corp SH7261 Datasheet HTML 829Page - Renesas Technology Corp SH7261 Datasheet HTML 830Page - Renesas Technology Corp SH7261 Datasheet HTML 831Page - Renesas Technology Corp SH7261 Datasheet HTML 832Page - Renesas Technology Corp SH7261 Datasheet HTML 833Page - Renesas Technology Corp SH7261 Datasheet HTML 834Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 798 of 1312
REJ09B0320-0200
18.4.3
Operation Modes
There are three modes of operation: configuration, enabled and disabled. Figure 18.19 shows how
the module enters each of these modes.
Module
configration
(after reset)
Module
enabled
(normal tx/rx)
EN = 1
(IDST = 0)
Module
disabled
(waiting until
bus inactive)
EN = 0
(IDST = 0)
EN = 0
(IDST = 1)
Reset
Figure 18.19 Operation Modes
(1)
Configuration Mode
This mode is entered after the module is released from reset. All required configuration fields in
the control register should be defined in this mode, before the SSI module is enabled by setting the
EN bit.
Setting the EN bit causes the module to enter the module enabled mode.
(2)
Module Enabled Mode
Operation of the module in this mode is dependent on the operation mode selected. For details,
refer to section 18.4.4, Transmit Operation and section 18.4.5, Receive Operation, below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com