Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 831 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 831 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 827Page - Renesas Technology Corp SH7261 Datasheet HTML 828Page - Renesas Technology Corp SH7261 Datasheet HTML 829Page - Renesas Technology Corp SH7261 Datasheet HTML 830Page - Renesas Technology Corp SH7261 Datasheet HTML 831Page - Renesas Technology Corp SH7261 Datasheet HTML 832Page - Renesas Technology Corp SH7261 Datasheet HTML 833Page - Renesas Technology Corp SH7261 Datasheet HTML 834Page - Renesas Technology Corp SH7261 Datasheet HTML 835Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 831 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 799 of 1312
REJ09B0320-0200
18.4.4
Transmit Operation
Transmission can be controlled either by DMA or interrupt.
DMA control is preferred to reduce the processor load. In DMA control mode the processor will
only receive interrupts if there is an underflow or overflow of data or the DMAC has finished its
transfer.
The alternative method is using the interrupts that the SSI module generates to supply data as
required. This mode has a higher interrupt load as the module is only double buffered and will
require data to be written at least every system word period.
When disabling the module, the SSI clock* must remain present until the SSI module is in idle
state, indicated by the IIRQ bit.
Figure 18.20 shows the transmit operation in DMA control mode, and figure 18.21 shows the
transmit operation in interrupt control mode.
Note: * Input clock from the SSISCK pin when SCKD = 0.
Input clock from the AUDIO_CLK pin, or AUDIO_X1 and AUDIO_X2 pins when
SCKD = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com