Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 835 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 835 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 831Page - Renesas Technology Corp SH7261 Datasheet HTML 832Page - Renesas Technology Corp SH7261 Datasheet HTML 833Page - Renesas Technology Corp SH7261 Datasheet HTML 834Page - Renesas Technology Corp SH7261 Datasheet HTML 835Page - Renesas Technology Corp SH7261 Datasheet HTML 836Page - Renesas Technology Corp SH7261 Datasheet HTML 837Page - Renesas Technology Corp SH7261 Datasheet HTML 838Page - Renesas Technology Corp SH7261 Datasheet HTML 839Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 835 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 803 of 1312
REJ09B0320-0200
(1)
Reception Using DMA Controller
Start
Enable SSI module,
enable DMA,
enable error interrupts.
Wait for interrupt from DMAC or SSI
SSI error interrupt?
More data to be send?
Disable SSI module,
disable DMA,
disable error interrupts,
enable Idle interrupt.
Wait for idle interrupt
from SSI module.
End*
Yes
No
No
Yes
Yes
No
EN = 1,
DMEN = 1,
UIEN = 1, OIEN = 1
EN = 0,
DMEN = 0
UIEN = 0, OIEN = 0,
IIEN = 1
Setup DMA controller
to transfer data
from SSI module to memory.
Release from reset,
define SSICR configuration bits.
DMAC:
End of Rx data?
Define TRMD, EN, SCKD, SWSD,
MUEN, DEL, PDTA, SDTA, SPDP,
SWSP, SCKP, SWL, DWL, CHNL.
Note: *
If the SSI encounters an error interrupt underflow/overflow,
go back to the start in the flowchart again.
Figure 18.22 Reception Using DMA Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com