Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 839 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 839 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 835Page - Renesas Technology Corp SH7261 Datasheet HTML 836Page - Renesas Technology Corp SH7261 Datasheet HTML 837Page - Renesas Technology Corp SH7261 Datasheet HTML 838Page - Renesas Technology Corp SH7261 Datasheet HTML 839Page - Renesas Technology Corp SH7261 Datasheet HTML 840Page - Renesas Technology Corp SH7261 Datasheet HTML 841Page - Renesas Technology Corp SH7261 Datasheet HTML 842Page - Renesas Technology Corp SH7261 Datasheet HTML 843Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 839 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 807 of 1312
REJ09B0320-0200
18.5.2
Note on Using Oversample Clock
To use the externally input clock as the oversample clock, refer to the section 4.6.1, Note on
Inputting External Clock, in which the terms EXTAL and XTAL pins should be replaced by the
AUDIO_X1 and AUDIO_X2 pins respectively.
To use the crystal resonator, refer to the section 4.6.2, Note on Using Crystal Resonator, in which
the terms EXTAL and XTAL pins should be replaced by the AUDIO_X1 and AUDIO_X2 pins
respectively.
Also, see section 4.6.3, Note on Resonator.
18.5.3
Restriction on Stopping Clock Supply
Once the bits MSTP53 and MSTP52 in the standby control register 5 (STBCR5) are cleared to 0
and the SSI operation is started, do not set these bits to 1 (stops clock supply to the SSI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com