Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 842 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 842 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 838Page - Renesas Technology Corp SH7261 Datasheet HTML 839Page - Renesas Technology Corp SH7261 Datasheet HTML 840Page - Renesas Technology Corp SH7261 Datasheet HTML 841Page - Renesas Technology Corp SH7261 Datasheet HTML 842Page - Renesas Technology Corp SH7261 Datasheet HTML 843Page - Renesas Technology Corp SH7261 Datasheet HTML 844Page - Renesas Technology Corp SH7261 Datasheet HTML 845Page - Renesas Technology Corp SH7261 Datasheet HTML 846Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 810 of 1312
REJ09B0320-0200
19.1.4
References
1. CAN License Specification, Robert Bosch GmbH, 1992
2. CAN Specification Version 2.0 part A, Robert Bosch GmbH, 1991
3. CAN Specification Version 2.0 part B, Robert Bosch GmbH, 1991
4. Implementation Guide for the CAN Protocol, CAN Specification 2.0 Addendum, CAN In
Automation, Erlangen, Germany, 1997
5. Road vehicles - Controller area network (CAN): Part 1: Data link layer and physical signalling
(ISO-11898-1, 2002)
19.1.5
Features
• Supports CAN specification 2.0B
• Bit timing compliant with ISO-11898-1
• 16 Mailbox version
• Clock 16 to 40 MHz
• 15 programmable Mailboxes for transmit/receive + 1 receive-only mailbox
• Sleep mode for low power consumption and automatic recovery from sleep mode by detecting
CAN bus activity
• Programmable receive filter mask (standard and extended identifier) supported by all
Mailboxes
• Programmable CAN data rate up to 1MBit/s
• Transmit message queuing with internal priority sorting mechanism against the problem of
priority inversion for real-time applications
• Data buffer access without SW handshake requirement in reception
• Flexible micro-controller interface
• Flexible interrupt structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com