| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 845 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 845 Page - Renesas Technology Corp |
|
845 / 1348 page ![]() Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613] Rev. 2.00 Sep. 07, 2007 Page 813 of 1312 REJ09B0320-0200 (3) Mailbox Control The Mailbox Control handles the following functions: • For received messages, compare the IDs and generate appropriate RAM addresses/data to store messages from the CAN Interface into the Mailbox and set/clear appropriate registers accordingly. • To transmit messages, RCAN-ET will run the internal arbitration to pick the correct priority message, and load the message from the Mailbox into the Tx-buffer of the CAN Interface and set/clear appropriate registers accordingly. • Arbitrates Mailbox accesses between the CPU and the Mailbox Control. • Contains registers such as TXPR, TXCR, TXACK, ABACK, RXPR, RFPR, UMSR and MBIMR. (4) CAN Interface This block conforms to the requirements for a CAN Bus Data Link Controller which is specified in Ref. [3, 5]. It fulfils all the functions of a standard Data Link Controller as specified by the OSI 7 Layer Reference model. This functional entity also provides the registers and the logic which are specific to a given CAN bus, which includes the Receive Error Counter, Transmit Error Counter, the Bit Configuration Registers and various useful Test Modes. This block also contains functional entities to hold the data received and the data to be transmitted for the CAN Data Link Controller. 19.2.3 Input/Output Pins Table 19.1 shows the pin configuration of the RCAN-ET. Table 19.1 Pin Configuration Channel Name Abbreviation I/O Function Transmit data pin CTx0 Output CAN-bus transmit pin 0 Receive data pin CRx0 Input CAN-bus receive pin Transmit data pin CTx1 Output CAN-bus transmit pin 1 Receive data pin CRx1 Input CAN-bus receive pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |