Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 849 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 849 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 845Page - Renesas Technology Corp SH7261 Datasheet HTML 846Page - Renesas Technology Corp SH7261 Datasheet HTML 847Page - Renesas Technology Corp SH7261 Datasheet HTML 848Page - Renesas Technology Corp SH7261 Datasheet HTML 849Page - Renesas Technology Corp SH7261 Datasheet HTML 850Page - Renesas Technology Corp SH7261 Datasheet HTML 851Page - Renesas Technology Corp SH7261 Datasheet HTML 852Page - Renesas Technology Corp SH7261 Datasheet HTML 853Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 849 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 817 of 1312
REJ09B0320-0200
19.3.2
Message Control Field
STDID[10:0]: These bits set the identifier (standard identifier) of data frames and remote frames.
EXTID[17:0]: These bits set the identifier (extended identifier) of data frames and remote frames.
RTR (Remote Transmission Request bit): Used to distinguish between data frames and remote
frames. This bit is overwritten by received CAN Frames depending on Data Frames or Remote
Frames.
Important: Please note that, when ATX bit is set with the setting MBC = B'001, the RTR bit will
never be set. When a Remote Frame is received, the CPU can be notified by the corresponding
RFPR set or IRR[2] (Remote Frame Request Interrupt), however, as RCAN-ET needs to transmit
the current message as a Data Frame, the RTR bit remains unchanged. In case of overrun
condition, the message received is discarded. Consequently, when a remote frame is causing
overrun (UMSR is set) into a Mailbox configured with ATX = 1/NMC = 0, the transmission of the
corresponding data frame is not carried out.
Important: In order to support automatic answer to remote frame when MBC = B'001 is used and
ATX = 1 the RTR flag must be programmed to zero to allow data frame to be transmitted.
Note:
when a Mailbox is configured to send a remote frame request the DLC used for
transmission is the one stored into the Mailbox.
RTR
Description
0
Data frame
1
Remote frame
IDE (Identifier Extension bit): Used to distinguish between the standard format and extended
format of CAN data frames and remote frames.
IDE
Description
0
Standard format
1
Extended format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com