Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 853 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 853 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 849Page - Renesas Technology Corp SH7261 Datasheet HTML 850Page - Renesas Technology Corp SH7261 Datasheet HTML 851Page - Renesas Technology Corp SH7261 Datasheet HTML 852Page - Renesas Technology Corp SH7261 Datasheet HTML 853Page - Renesas Technology Corp SH7261 Datasheet HTML 854Page - Renesas Technology Corp SH7261 Datasheet HTML 855Page - Renesas Technology Corp SH7261 Datasheet HTML 856Page - Renesas Technology Corp SH7261 Datasheet HTML 857Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 853 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 821 of 1312
REJ09B0320-0200
19.3.3
Local Acceptance Filter Mask (LAFM)
This area is used as Local Acceptance Filter Mask (LAFM) for receive boxes.
LAFM: When MBC is set to B'001, B'010, B'011, this field is used as LAFM Field. The LAFM is
comprised of two 16-bit read/write areas as follows. It allows a Mailbox to accept more than one
identifier.
Word/LW
Word
H'104 + n
× 32
H'106 + n
× 32
MB[n].LAFMH
MB[n].LAFML
Address
Register Name
Feld Name
Acces Size
LAFM Field
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EXTID_
LAFM[17:16]
IDE_
LAFM
0
0
STDID_LAFM[10:0]
EXTID_LAFM[15:0]
Note: n = 0 to 15 (mailbox number)
Figure 19.4 Acceptance Filter
If a bit is set in the LAFM, then the corresponding bit of a received CAN identifier is ignored
when the RCAN-ET searches a Mailbox with the matching CAN identifier. If the bit is cleared,
then the corresponding bit of a received CAN identifier must match to the STDID/IDE/EXTID set
in the mailbox to be stored. The structure of the LAFM is same as the message control in a
Mailbox. If this function is not required, it must be filled with '0'.
Important: RCAN-ET starts to find a matching identifier from Mailbox-15 down to Mailbox-0.
As soon as RCAN-ET finds one matching, it stops the search. The message will be stored or not
depending on the NMC and RXPR/RFPR flags. This means that, even using LAFM, a received
message can only be stored into 1 Mailbox.
Important: When a message is received and a matching Mailbox is found, the whole message is
stored into the Mailbox. This means that, if the LAFM is used, the STDID, RTR, IDE and EXTID
may differ to the ones originally set as they are updated with the STDID, RTR, IDE and EXTID of
the received message.
STD_LAFM[10:0] — Filter mask bits for the CAN base identifier [10:0] bits.
STD_LAFM[10:0]
Description
0
Corresponding STD_ID bit is cared
1
Corresponding STD_ID bit is "don't cared"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com