Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 855 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 855 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 851Page - Renesas Technology Corp SH7261 Datasheet HTML 852Page - Renesas Technology Corp SH7261 Datasheet HTML 853Page - Renesas Technology Corp SH7261 Datasheet HTML 854Page - Renesas Technology Corp SH7261 Datasheet HTML 855Page - Renesas Technology Corp SH7261 Datasheet HTML 856Page - Renesas Technology Corp SH7261 Datasheet HTML 857Page - Renesas Technology Corp SH7261 Datasheet HTML 858Page - Renesas Technology Corp SH7261 Datasheet HTML 859Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 823 of 1312
REJ09B0320-0200
19.4
RCAN-ET Control Registers
The following sections describe RCAN-ET control registers. The address is mapped as follow.
Important: These registers can only be accessed in Word size (16-bit).
Table 19.5
RCAN-ET Control Registers Configuration
Description
Address
Name
Access Size (bits)
Master Control Register
000
MCR
Word
General Status Register
002
GSR
Word
Baud Rate Configuration Register 1
004
BCR1
Word
Baud Rate Configuration Register 0
006
BCR0
Word
Interrupt Request Register
008
IRR
Word
Interrupt Mask Register
00A
IMR
Word
Error Counter Register
00C
TEC/REC
Word
19.4.1
Master Control Register (MCR)
The Master Control Register (MCR) is a 16-bit read/write register that controls RCAN-ET.
• MCR (Address = H'000)
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1000000000000001
R/W
R/W
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
R/W
MCR15 MCR14
—
—
—
TST[2:0]
MCR7 MCR6 MCR5
—
—
MCR2 MCR1 MCR0
Bit 15 — ID Reorder (MCR15): This bit changes the order of STDID, RTR, IDE and EXTID of
both message control and LAFM.
Bit15: MCR15
Description
0
RCAN-ET is the same as HCAN2
1
RCAN-ET is not the same as HCAN2 (Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com