Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 856 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 856 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 852Page - Renesas Technology Corp SH7261 Datasheet HTML 853Page - Renesas Technology Corp SH7261 Datasheet HTML 854Page - Renesas Technology Corp SH7261 Datasheet HTML 855Page - Renesas Technology Corp SH7261 Datasheet HTML 856Page - Renesas Technology Corp SH7261 Datasheet HTML 857Page - Renesas Technology Corp SH7261 Datasheet HTML 858Page - Renesas Technology Corp SH7261 Datasheet HTML 859Page - Renesas Technology Corp SH7261 Datasheet HTML 860Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 856 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 824 of 1312
REJ09B0320-0200
0
STDID[10:0]
EXTID[15:0]
RTR
IDE
EXTID[17:16]
Word/LW
Word
H'100 + n
× 32
H'102 + n
× 32
Control 0
Access Size
Address
Access Size
Address
Feld Name
Feld Name
15
14
13
12
11
10
987654321
0
0
STDID_LAFM[10:0]
EXTID_LAFM[15:0]
0
IDE_
LAFM
EXTID_LAFM
[17:16]
Word/LW
Word
H'104 + n
× 32
H'106 + n
× 32
LAFM Field
0
STDID[10:0]
EXTID[15:0]
RTR
IDE
EXTID[17:16]
Word/LW
Word
H'100 + n
× 32
H'102 + n
× 32
Control 0
15
14
13
12
11
10
987654321
0
0
STDID_LAFM[10:0]
EXTID_LAFM[15:0]
EXTID_LAFM
[17:16]
Word/LW
Word
H'104 + n
× 32
H'106 + n
× 32
LAFM Field
0
IDE_
LAFM
MCR15 (ID Reorder) = 0
MCR15 (ID Reorder) = 1
Note: n = 0 to 15 (mailbox number)
Figure 19.5 ID Reorder
This bit can be modified only in reset mode.
Bit 14 — Auto Halt Bus Off (MCR14): If both this bit and MCR6 are set, MCR1 is
automatically set as soon as RCAN-ET enters BusOff.
Bit14: MCR14
Description
0
RCAN-ET remains in BusOff for normal recovery sequence
(128
× 11 Recessive Bits) (Initial value)
1
RCAN-ET moves directly into Halt Mode after it enters BusOff if MCR6 is set.
This bit can be modified only in reset mode.
Bit 13 — Reserved. The written value should always be '0' and the returned value is '0'.
Bit 12 — Reserved. The written value should always be '0' and the returned value is '0'.
Bit 11 — Reserved. The written value should always be '0' and the returned value is '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com