Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 860 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 860 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 856Page - Renesas Technology Corp SH7261 Datasheet HTML 857Page - Renesas Technology Corp SH7261 Datasheet HTML 858Page - Renesas Technology Corp SH7261 Datasheet HTML 859Page - Renesas Technology Corp SH7261 Datasheet HTML 860Page - Renesas Technology Corp SH7261 Datasheet HTML 861Page - Renesas Technology Corp SH7261 Datasheet HTML 862Page - Renesas Technology Corp SH7261 Datasheet HTML 863Page - Renesas Technology Corp SH7261 Datasheet HTML 864Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 860 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 828 of 1312
REJ09B0320-0200
Note:
After issuing a Halt request the CPU is not allowed to set TXPR or TXCR or clear MCR1
until the transition to Halt mode is completed (notified by IRR0 and GSR4). After MCR1
is set this can be cleared only after entering Halt mode or through a reset operation (SW or
HW).
Note:
Transition into or recovery from Halt mode, is only possible if the BCR1 and BCR0
registers are configured to a proper Baud Rate.
Bit 1: MCR1
Description
0
Clear Halt request (Initial value)
1
Halt mode transition request
Bit 0 — Reset Request (MCR0): Controls resetting of the RCAN-ET module. When this bit is
changed from '0' to '1' the RCAN-ET controller enters its reset routine, re-initialising the internal
logic, which then sets GSR3 and IRR0 to notify the reset mode. During a re-initialisation, all user
registers are initialised.
RCAN-ET can be re-configured while this bit is set. This bit has to be cleared by writing a '0' to
join the CAN bus. After this bit is cleared, the RCAN-ET module waits until it detects 11
recessive bits, and then joins the CAN bus. The Baud Rate needs to be set up to a proper value in
order to sample the value on the CAN Bus.
After Power On Reset, this bit and GSR3 are always set. This means that a reset request has been
made and RCAN-ET needs to be configured.
The Reset Request is equivalent to a Power On Reset but controlled by Software.
Bit 0: MCR0
Description
0
Clear Reset Request
1
CAN Interface reset mode transition request (Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com