Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 864 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 864 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 860Page - Renesas Technology Corp SH7261 Datasheet HTML 861Page - Renesas Technology Corp SH7261 Datasheet HTML 862Page - Renesas Technology Corp SH7261 Datasheet HTML 863Page - Renesas Technology Corp SH7261 Datasheet HTML 864Page - Renesas Technology Corp SH7261 Datasheet HTML 865Page - Renesas Technology Corp SH7261 Datasheet HTML 866Page - Renesas Technology Corp SH7261 Datasheet HTML 867Page - Renesas Technology Corp SH7261 Datasheet HTML 868Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 832 of 1312
REJ09B0320-0200
19.4.3
Bit Configuration Register (BCR0, BCR1)
The bit configuration registers (BCR0 and BCR1) are 2
× 16-bit read/write register that are used to
set CAN bit timing parameters and the baud rate pre-scaler for the CAN Interface.
The Time quanta is defined as:
Timequanta =
2
× BRP
fclk
Where: BRP (Baud Rate Pre-scaler) is the value stored in BCR0 incremented by 1 and fclk is the
used peripheral bus frequency.
• BCR1 (Address = H'004)
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R
R
R/W
R/W
R
R
R
R/W
TSG1[3:0]
—
TSG2[2:0]
—
—
SJW[1:0]
—
—
—
BSP
Please refer to the table below for TSG1 and TSG2 setting.
Bits 15 to 12 — Time Segment 1 (TSG1[3:0] = BCR1[15:12]): These bits are used to set the
segment TSEG1 ( = PRSEG + PHSEG1) to compensate for edges on the CAN Bus with a positive
phase error. A value from 4 to 16 time quanta can be set.
Bit 15:
TSG1[3]
Bit 14:
TSG1[2]
Bit 13:
TSG1[1]
Bit 12:
TSG1[0] Description
0
0
0
0
Setting prohibited (Initial value)
0
0
0
1
Setting prohibited
0
0
1
0
Setting prohibited
0
0
1
1
PRSEG + PHSEG1 = 4 time quanta
0
1
0
0
PRSEG + PHSEG1 = 5 time quanta
:
:
:
:
:
:
:
:
:
:
1
1
1
1
PRSEG + PHSEG1 = 16 time quanta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com