Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 866 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 866 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 862Page - Renesas Technology Corp SH7261 Datasheet HTML 863Page - Renesas Technology Corp SH7261 Datasheet HTML 864Page - Renesas Technology Corp SH7261 Datasheet HTML 865Page - Renesas Technology Corp SH7261 Datasheet HTML 866Page - Renesas Technology Corp SH7261 Datasheet HTML 867Page - Renesas Technology Corp SH7261 Datasheet HTML 868Page - Renesas Technology Corp SH7261 Datasheet HTML 869Page - Renesas Technology Corp SH7261 Datasheet HTML 870Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 866 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 834 of 1312
REJ09B0320-0200
Bit 0 — Bit Sample Point (BSP = BCR1[0]): Sets the point at which data is sampled. Three-time
sampling is only available when the BRP is programmed to be greater than 4.
Bit 0: BSP
Description
0
Bit sampling at one point (end of time segment 1) (Initial value)
1
Bit sampling at three points (rising edge of the last three clock cycles of
PHSEG1)
• BCR0 (Address = H'006)
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
—
—
—
—
—
BRP[7:0]
Bits 8 to 15 : Reserved. The written value should always be '0' and the returned value is '0'.
Bits 7 to 0—Baud Rate Pre-scale (BRP[7:0] = BCR0 [7:0]): These bits are used to define the
peripheral bus clock periods contained in a Time Quantum.
Bit 7:
BRP[7]
Bit 6:
BRP[6]
Bit 5:
BRP[5]
Bit 4:
BRP[4]
Bit 3:
BRP[3]
Bit 2:
BRP[2]
Bit 1:
BRP[1]
Bit 0:
BRP[0]
Description
0
0
0
0
0
0
0
0
2
× peripheral bus clock
(Initial value)
0
0
0
0
0
0
0
1
4
× peripheral bus clock
0
0
0
0
0
0
1
0
6
× peripheral bus clock
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
2
× (register value+1) ×
peripheral bus clock
1
1
1
1
1
1
1
1
512
× peripheral bus clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com