Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 869 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 869 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 865Page - Renesas Technology Corp SH7261 Datasheet HTML 866Page - Renesas Technology Corp SH7261 Datasheet HTML 867Page - Renesas Technology Corp SH7261 Datasheet HTML 868Page - Renesas Technology Corp SH7261 Datasheet HTML 869Page - Renesas Technology Corp SH7261 Datasheet HTML 870Page - Renesas Technology Corp SH7261 Datasheet HTML 871Page - Renesas Technology Corp SH7261 Datasheet HTML 872Page - Renesas Technology Corp SH7261 Datasheet HTML 873Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 869 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 837 of 1312
REJ09B0320-0200
19.4.4
Interrupt Request Register (IRR)
The interrupt register (IRR) is a 16-bit read/write-clearable register containing status flags for the
various interrupt sources.
• IRR (Address = H'008)
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000001
R
R
R/W
R/W
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R
R
R/W
—
—
IRR13 IRR12
—
—
IRR9 IRR8 IRR7 IRR6 IRR5 IRR4 IRR3 IRR2 IRR1 IRR0
Bits 15 to 14: Reserved.
Bit 13 - Message Error Interrupt (IRR13): This interrupt indicates that:
• A message error has occurred when in test mode.
• Note: If a Message Overload condition occurs when in Test Mode, then this bit will not be set.
When not in test mode this interrupt is inactive.
Bit 13: IRR13
Description
0
message error has not occurred in test mode (Initial value)
[Clearing condition] Writing 1
1
[Setting condition] message error has occurred in test mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com