Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 873 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 873 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 869Page - Renesas Technology Corp SH7261 Datasheet HTML 870Page - Renesas Technology Corp SH7261 Datasheet HTML 871Page - Renesas Technology Corp SH7261 Datasheet HTML 872Page - Renesas Technology Corp SH7261 Datasheet HTML 873Page - Renesas Technology Corp SH7261 Datasheet HTML 874Page - Renesas Technology Corp SH7261 Datasheet HTML 875Page - Renesas Technology Corp SH7261 Datasheet HTML 876Page - Renesas Technology Corp SH7261 Datasheet HTML 877Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 841 of 1312
REJ09B0320-0200
Bit 3 - Transmit Error Counter Warning Interrupt Flag (IRR3): This bit becomes set if the
transmit error counter (TEC) reaches a value greater than 95. The interrupt is reset by writing a '1'
to this bit position, writing '0' has no effect.
Bit 3: IRR3
Description
0
[Clearing condition] Writing 1 (Initial value)
1
Error warning state caused by transmit error
[Setting condition] When TEC
≥ 96
Bit 2 - Remote Frame Request Interrupt Flag (IRR2): Flag indicating that a remote frame has
been received in a mailbox. This bit is set if at least one receive mailbox, with related MBIMR not
set, contains a remote frame transmission request. This bit is automatically cleared when all bits in
the Remote Frame Receive Pending Register (RFPR), are cleared. It is also cleared by writing a '1'
to all the correspondent bit position in MBIMR. Writing to this bit has no effect.
Bit 2: IRR2
Description
0
[Clearing condition] Clearing of all bits in RFPR (Initial value)
1
at least one remote request is pending
[Setting condition] When remote frame is received and the corresponding
MBIMR = 0
Bit 1 – Data Frame Received Interrupt Flag (IRR1): IRR1 indicates that there are pending Data
Frames received. If this bit is set at least one receive mailbox contains a pending message. This bit
is cleared when all bits in the Data Frame Receive Pending Register (RXPR) are cleared, i.e. there
is no pending message in any receiving mailbox. It is in effect a logical OR of the RXPR flags
from each configured receive mailbox with related MBIMR not set. It is also cleared by writing a
'1' to all the correspondent bit position in MBIMR. Writing to this bit has no effect.
Bit 1: IRR1
Description
0
[Clearing condition] Clearing of all bits in RXPR (Initial value)
1
Data frame received and stored in Mailbox
[Setting condition] When data is received and the corresponding MBIMR = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com