Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 876 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 876 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 872Page - Renesas Technology Corp SH7261 Datasheet HTML 873Page - Renesas Technology Corp SH7261 Datasheet HTML 874Page - Renesas Technology Corp SH7261 Datasheet HTML 875Page - Renesas Technology Corp SH7261 Datasheet HTML 876Page - Renesas Technology Corp SH7261 Datasheet HTML 877Page - Renesas Technology Corp SH7261 Datasheet HTML 878Page - Renesas Technology Corp SH7261 Datasheet HTML 879Page - Renesas Technology Corp SH7261 Datasheet HTML 880Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 876 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 844 of 1312
REJ09B0320-0200
19.4.6
Transmit Error Counter (TEC) and Receive Error Counter (REC)
The Transmit Error Counter (TEC) and Receive Error Counter (REC) is a 16-bit read/(write)
register that functions as a counter indicating the number of transmit/receive message errors on the
CAN Interface. The count value is stipulated in the CAN protocol specification Refs. [2], [3], [4]
and [5]. When not in (Write Error Counter) test mode this register is read only, and can only be
modified by the CAN Interface. This register can be cleared by a Reset request (MCR0) or
entering to bus off.
In Write Error Counter test mode (i.e. TST[2:0] = B'100), it is possible to write to this register.
The same value can only be written to TEC/REC, and the value written into TEC is set to TEC
and REC. When writing to this register, RCAN-ET needs to be put into Halt Mode. This feature is
only intended for test purposes.
• TEC/REC (Address = H'00C)
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W*
TEC7 TEC6 TEC5 TEC4 TEC3 TEC2 TEC1 TEC0 REC7 REC6 REC5 REC4 REC3 REC2 REC1 REC0
Note: * It is only possible to write the value in test mode when TST[2:0] in MCR is B'100.
REC is incremented during Bus Off to count the recurrences of 11 recessive bits as
requested by the Bus Off recovery sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com