Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 874 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 874 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 870Page - Renesas Technology Corp SH7261 Datasheet HTML 871Page - Renesas Technology Corp SH7261 Datasheet HTML 872Page - Renesas Technology Corp SH7261 Datasheet HTML 873Page - Renesas Technology Corp SH7261 Datasheet HTML 874Page - Renesas Technology Corp SH7261 Datasheet HTML 875Page - Renesas Technology Corp SH7261 Datasheet HTML 876Page - Renesas Technology Corp SH7261 Datasheet HTML 877Page - Renesas Technology Corp SH7261 Datasheet HTML 878Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 874 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 842 of 1312
REJ09B0320-0200
Bit 0 – Reset/Halt/Sleep Interrupt Flag (IRR0): This flag can get set for three different reasons.
It can indicate that:
1. Reset mode has been entered after a SW (MCR0) or HW reset
2. Halt mode has been entered after a Halt request (MCR1)
3. Sleep mode has been entered after a sleep request (MCR5) has been made while in Halt mode.
The GSR may be read after this bit is set to determine which state RCAN-ET is in.
Important: When a Sleep mode request needs to be made, the Halt mode must be used
beforehand. Please refer to the MCR5 description and figure 19.8.
IRR0 is set by the transition from "0" to "1" of GSR3 or GSR4 or by transition from Halt mode to
Sleep mode. So, IRR0 is not set if RCAN-ET enters Halt mode again right after exiting from Halt
mode, without GSR4 being cleared. Similarly, IRR0 is not set by direct transition from Sleep
mode to Halt Request. At the transition from Halt/Sleep mode to Transition/Reception, clearing
GSR4 needs (one-bit time - TSEG2) to (one-bit time * 2 - TSEG2).
In the case of Reset mode, IRR0 is set, however, the interrupt to the CPU is not asserted since
IMR0 is automatically set by initialisation.
Bit 0: IRR0
Description
0
[Clearing condition] Writing 1
1
Transition to S/W reset mode or transition to halt mode or transition to sleep
mode (Initial value)
[Setting condition] When reset/halt/sleep transition is completed after a reset
(MCR0 or HW) or Halt mode (MCR1) or Sleep mode (MCR5) is requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com