Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 879 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 879 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 875Page - Renesas Technology Corp SH7261 Datasheet HTML 876Page - Renesas Technology Corp SH7261 Datasheet HTML 877Page - Renesas Technology Corp SH7261 Datasheet HTML 878Page - Renesas Technology Corp SH7261 Datasheet HTML 879Page - Renesas Technology Corp SH7261 Datasheet HTML 880Page - Renesas Technology Corp SH7261 Datasheet HTML 881Page - Renesas Technology Corp SH7261 Datasheet HTML 882Page - Renesas Technology Corp SH7261 Datasheet HTML 883Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 879 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 847 of 1312
REJ09B0320-0200
<Longword Read Operation>
Temp
TXPR1
TXPR0
H'020
H'022
<Upper word read>
16-bit peripheral bus
TXPR0 is stored into Temp,
when TXPR1 (= H'0000) is read.
Consecutive access
<Lower word read>
16-bit peripheral bus
Temp is read instead of TXPR0.
Temp
TXPR1
TXPR0
H'020
H'022
Always
H'0000
The TXPR1 register cannot be modified and it is always fixed to '0'. The TXPR0 controls
Mailbox-15 to Mailbox-1. The CPU may set the TXPR bits to affect any message being
considered for transmission by writing a '1' to the corresponding bit location. Writing a '0' has no
effect, and TXPR cannot be cleared by writing a '0' and must be cleared by setting the
corresponding TXCR bits. TXPR may be read by the CPU to determine which, if any,
transmissions are pending or in progress. In effect there is a transmit pending bit for all Mailboxes
except for the Mailbox-0. Writing a '1' to a bit location when the mailbox is not configured to
transmit is not allowed.
The RCAN-ET will clear a transmit pending flag after successful transmission of its
corresponding message or when a transmission abort is requested successfully from the TXCR.
The TXPR flag is not cleared if the message is not transmitted due to the CAN node losing the
arbitration process or due to errors on the CAN bus, and RCAN-ET automatically tries to transmit
it again unless its DART bit (Disable Automatic Re-Transmission) is set in the Message-Control
of the corresponding Mailbox. In such case (DART set), the transmission is cleared and notified
through Mailbox Empty Interrupt Flag (IRR8) and the correspondent bit within the Abort
Acknowledgement Register (ABACK).
If the status of the TXPR changes, the RCAN-ET shall ensure that in the identifier priority scheme
(MCR2 = 0), the highest priority message is always presented for transmission in an intelligent
way even under circumstances such as bus arbitration losses or errors on the CAN bus. Please
refer to section 19.6, Application Note, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com