Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 883 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 883 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 879Page - Renesas Technology Corp SH7261 Datasheet HTML 880Page - Renesas Technology Corp SH7261 Datasheet HTML 881Page - Renesas Technology Corp SH7261 Datasheet HTML 882Page - Renesas Technology Corp SH7261 Datasheet HTML 883Page - Renesas Technology Corp SH7261 Datasheet HTML 884Page - Renesas Technology Corp SH7261 Datasheet HTML 885Page - Renesas Technology Corp SH7261 Datasheet HTML 886Page - Renesas Technology Corp SH7261 Datasheet HTML 887Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 851 of 1312
REJ09B0320-0200
19.5.4
Abort Acknowledge Register 0 (ABACK0)
The ABACK0 is a 16-bit read/conditionally-write registers. This register is used to signal to the
CPU that a mailbox transmission has been aborted as per its request. When an abort has succeeded
the RCAN-ET sets the corresponding bit in the ABACK register. The CPU may clear the Abort
Acknowledge bit by writing a '1' to the corresponding bit location. Writing a '0' has no effect. An
ABACK bit position is set by the RCAN-ET to acknowledge that a TXPR bit has been cleared by
the corresponding TXCR bit.
• ABACK0
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
—
000000000000000
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
0
ABACK0[15:1]
Note: * Only when writing a '1' to clear.
Bit 15 to 1 — Notifies that the requested transmission cancellation of the corresponding Mailbox
has been performed successfully. The bit 15 to 1 corresponds to Mailbox-15 to 1 respectively.
Bit[15:1]:ABACK0
Description
0
[Clearing Condition] Writing '1' (Initial value)
1
Corresponding Mailbox has cancelled transmission of message (Data or
Remote Frame)
[Setting Condition] Completion of transmission cancellation for corresponding
mailbox
Bit 0 — This bit is always '0' as this is a receive-only mailbox. Writing a '1' to this bit position has
no effect and always read back as a '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com