Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 887 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 887 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 883Page - Renesas Technology Corp SH7261 Datasheet HTML 884Page - Renesas Technology Corp SH7261 Datasheet HTML 885Page - Renesas Technology Corp SH7261 Datasheet HTML 886Page - Renesas Technology Corp SH7261 Datasheet HTML 887Page - Renesas Technology Corp SH7261 Datasheet HTML 888Page - Renesas Technology Corp SH7261 Datasheet HTML 889Page - Renesas Technology Corp SH7261 Datasheet HTML 890Page - Renesas Technology Corp SH7261 Datasheet HTML 891Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 887 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 855 of 1312
REJ09B0320-0200
19.5.8
Unread Message Status Register 0 (UMSR0)
This register is a 16-bit read/conditionally write register and it records the mailboxes whose
contents have not been accessed by the CPU prior to a new message being received. If the CPU
has not cleared the corresponding bit in the RXPR or RFPR when a new message for that mailbox
is received, the corresponding UMSR bit is set to '1'. This bit may be cleared by writing a '1' to the
corresponding bit location in the UMSR. Writing a '0' has no effect.
If a mailbox is configured as transmit box, the corresponding UMSR will not be set.
• UMSR0
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W*
UMSR0[15:0]
Bit 15 to 0 — Indicate that an unread received message has been overwritten or overrun condition
has occurred for Mailboxes 15 to 0.
Bit[15:0]: UMSR0
Description
0
[Clearing Condition] Writing '1' (initial value)
1
Unread received message is overwritten by a new message or overrun
condition
[Setting Condition] When a new message is received before RXPR or RFPR
is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com