Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 889 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 889 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 885Page - Renesas Technology Corp SH7261 Datasheet HTML 886Page - Renesas Technology Corp SH7261 Datasheet HTML 887Page - Renesas Technology Corp SH7261 Datasheet HTML 888Page - Renesas Technology Corp SH7261 Datasheet HTML 889Page - Renesas Technology Corp SH7261 Datasheet HTML 890Page - Renesas Technology Corp SH7261 Datasheet HTML 891Page - Renesas Technology Corp SH7261 Datasheet HTML 892Page - Renesas Technology Corp SH7261 Datasheet HTML 893Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 889 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 857 of 1312
REJ09B0320-0200
Power On/SW Reset*1
clear IRR[0] Bit
GSR[3] = 0?
Detect 11 recessive bits and
Join the CAN bus activity
RCAN-ET is in Tx_Rx Mode
Set TXPR to start transmission
or stay idle to receive
Configure MCR[15]
Clear MCR[0]
Clear Required IMR Bits
Set Bit Timing (BCR)
Mailbox Setting
(STD-ID, EXT-ID, LAFM, DLC,
RTR, IDE, MBC, MBIMR, DART,
ATX, NMC, Message-Data)*2
IRR[0] = 1, GSR[3] = 1 (automatically)
No*3
Yes
Transmission_Reception
(Tx_Rx) Mode
Receive*4
Transmit*4
Notes: 1. SW reset could be performed at any time by setting MCR[0] = 1.
2. Mailboxes are comprised of RAMs, therefore, please initialize all the mailboxes enabled by MBC.
3. It takes approximately 25 peripheral bus cycles for GSR[3] to be cleared to 0.
4. If there is no TXPR set, RCAN-ET will receive the next incoming message.
If there is a TXPR(s) set, RCAN-ET will start transmission of the message and will be arbitrated by the CAN bus.
If it loses the arbitration, it will become a receiver.
MCR[0] = 1
(automatically in hardware reset only)
Configuration Mode
Figure 19.6 Reset Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com