Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 892 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 892 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 888Page - Renesas Technology Corp SH7261 Datasheet HTML 889Page - Renesas Technology Corp SH7261 Datasheet HTML 890Page - Renesas Technology Corp SH7261 Datasheet HTML 891Page - Renesas Technology Corp SH7261 Datasheet HTML 892Page - Renesas Technology Corp SH7261 Datasheet HTML 893Page - Renesas Technology Corp SH7261 Datasheet HTML 894Page - Renesas Technology Corp SH7261 Datasheet HTML 895Page - Renesas Technology Corp SH7261 Datasheet HTML 896Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 892 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 860 of 1312
REJ09B0320-0200
Figure 19.8 - Halt Mode/Sleep Mode shows allowed state transition.
• Don't set MCR5 (Sleep Mode) without entering Halt Mode.
• After setting MCR1, make sure that GSR4 is set and the RCAN-ET has entered Halt Mode
before clearing MCR1.
Power On/SW Reset
Reset
clear MCR0
and GSR3 = 0
Clear MCR1
and MCR5
Notes: 1. MCR5 can be cleared by automatically by detecting a dominant bit on the CAN Bus if MCR7
is set or by writing "0".
2. MCR1 is cleared in SW. Clearing MCR1 and setting MCR5 have to be carried out by the
same instruction.
3. MCR1 must not be cleared in SW, before GSR4 is set. MCR1 can be set automatically in HW
when RCAN-ET moves to Bus Off and MCR14 and MCR6 are both set.
4. When MCR5 is cleared and MCR1 is set at the same time, RCAN-ET moves to Halt Request.
Right after that, it moves to Halt Mode with no reception/transmission.
Transmission
Reception
Set MCR1*3
Halt Request
Except Transmitter/Receiver/BusOff, if MCR6 = 0
BusOff or except Transmitter/Receiver, if MCR6 = 1
Halt Mode
Clear MCR5*1
Clear MCR5
Set MCR1*4
Sleep Mode
Set MCR5
Clear MCR1*2
Figure 19.8 Halt Mode/Sleep Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com