Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 895 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 895 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 891Page - Renesas Technology Corp SH7261 Datasheet HTML 892Page - Renesas Technology Corp SH7261 Datasheet HTML 893Page - Renesas Technology Corp SH7261 Datasheet HTML 894Page - Renesas Technology Corp SH7261 Datasheet HTML 895Page - Renesas Technology Corp SH7261 Datasheet HTML 896Page - Renesas Technology Corp SH7261 Datasheet HTML 897Page - Renesas Technology Corp SH7261 Datasheet HTML 898Page - Renesas Technology Corp SH7261 Datasheet HTML 899Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 895 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 863 of 1312
REJ09B0320-0200
19.6.3
Message Transmission Sequence
(1)
Message Transmission Request
The following sequence is an example to transmit a CAN frame onto the bus. As described in the
previous register section, please note that IRR8 is set when one of the TXACK or ABACK bits is
set, meaning one of the Mailboxes has completed its transmission or transmission abortion and is
now ready to be updated for the next transmission, whereas, the GSR2 means that there is
currently no transmission request made (No TXPR flags set).
No
No
No
Yes
Yes
Yes
RCAN-ET is in Normal Mode
(MBC[n] = 0)
Write '1' to the TXPR[n] bit
at any desired time
Internal Arbitration
'n' Highest Priority?
Transmission Start
Mailbox[n] is ready
to be updated for
next transmission
Clear TXACK[n]
TXACK[n] set?
CAN Bus
Arbitration
Acknowledge Bit
CAN Bus
IRR8 set?
Update Message Data of
Mailbox[n]
Monitor for the next interrupt
Monitor for the next interrupt
Note: n = 0 to 15 (mailbox number)
Figure 19.9 Transmission Request
(2)
Internal Arbitration for Transmission
The following diagram explains how RCAN-ET manages to schedule transmission-requested
messages in the correct order based on the CAN identifier. 'Internal arbitration' picks up the
highest priority message amongst transmit-requested messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com