| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 896 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 896 Page - Renesas Technology Corp |
|
896 / 1348 page ![]() Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613] Rev. 2.00 Sep. 07, 2007 Page 864 of 1312 REJ09B0320-0200 SOF EOF Interm SOF SOF EOF Interm RCAN-ET scheduler state Scheduler start point TXPR/TXCR/ Error/Arb-Lost Set Point Interm: Intermission Field SOF: Start Of Frame EOF: End Of Frame Message: Arbitration + Control + Data + CRC + Ack Field Transmission Frame-1 Reception Frame-2 Transmission Frame-3 Message Bus Idle CAN bus state Message CTx Arb for Frame-1 CTx/CRx Arb for Frame-1 CTx/CRx Arb for Frame-3/2 CTx Arb for Frame-3 CTx Arb for Frame-3 CTx/CRx Arb for Frame-3 1-1 1-2 2-1 2-2 3-1 3-2 Figure 19.10 Internal Arbitration for transmission The RCAN-ET has two state machines. One is for transmission, and the other is for reception. 1-1: When a TXPR bit(s) is set while the CAN bus is idle, the internal arbitration starts running immediately and the transmission is started. 1-2: Operations for both transmission and reception starts at SOF. Since there is no reception frame, RCAN-ET becomes transmitter. 2-1: At crc delimiter, internal arbitration to search next message transmitted starts. 2-2: Operations for both transmission and reception starts at SOF. Because of a reception frame with higher priority, RCAN-ET becomes receiver. Therefore, Reception is carried out instead of transmitting Frame-3. 3-1: At crc delimiter, internal arbitration to search next message transmitted starts. 3-2: Operations for both transmission and reception starts at SOF. Since a transmission frame has higher priority than reception one, RCAN-ET becomes transmitter. Internal arbitration for the next transmission is also performed at the beginning of each error delimiter in case of an error is detected on the CAN Bus. It is also performed at the beginning of error delimiters following overload frame. As the arbitration for transmission is performed at CRC delimiter, in case a remote frame request is received into a Mailbox with ATX = 1 the answer can join the arbitration for transmission only at the following Bus Idle, CRC delimiter or Error Delimiter. Depending on the status of the CAN bus, following the assertion of the TXCR, the corresponding Message abortion can be handled with a delay of maximum 1 CAN Frame. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |