Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 894 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 894 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 890Page - Renesas Technology Corp SH7261 Datasheet HTML 891Page - Renesas Technology Corp SH7261 Datasheet HTML 892Page - Renesas Technology Corp SH7261 Datasheet HTML 893Page - Renesas Technology Corp SH7261 Datasheet HTML 894Page - Renesas Technology Corp SH7261 Datasheet HTML 895Page - Renesas Technology Corp SH7261 Datasheet HTML 896Page - Renesas Technology Corp SH7261 Datasheet HTML 897Page - Renesas Technology Corp SH7261 Datasheet HTML 898Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 894 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 862 of 1312
REJ09B0320-0200
• Normal Mode
RCAN-ET operates in the normal mode.
• Listen-Only Mode:
ISO-11898 requires this mode for baud rate detection. The Error Counters are cleared and
disabled so that the TEC/REC does not increase the values, and the CTx Output is disabled so
that RCAN-ET does not generate error frames or acknowledgment bits. IRR13 is set when a
message error occurs.
• Self Test Mode 1
RCAN-ET generates its own Acknowledge bit, and can store its own messages into a reception
mailbox (if required). The CRx/CTx pins must be connected to the CAN bus.
• Self Test Mode 2
RCAN-ET generates its own Acknowledge bit, and can store its own messages into a reception
mailbox (if required). The CRx/CTx pins do not need to be connected to the CAN bus or any
external devices, as the internal CTx is looped back to the internal CRx. CTx pin outputs only
recessive bits and CRx pin is disabled.
• Write Error Counter
TEC/REC can be written in this mode. RCAN-ET can be forced to become an Error Passive
mode by writing a value greater than 127 into the Error Counters. The value written into TEC
is used to write into REC, so only the same value can be set to these registers. Similarly,
RCAN-ET can be forced to become an Error Warning by writing a value greater than 95 into
them.
• Error Passive mode
RCAN-ET needs to be in Halt Mode when writing into TEC/REC (MCR1 must be "1" when
writing to the Error Counter). Furthermore this test mode needs to be exited prior to leaving
Halt mode.Error Passive Mode: RCAN-ET can be forced to enter Error Passive mode.
Note:
the REC will not be modified by implementing this Mode. However, once running in
Error Passive Mode, the REC will increase normally should errors be received. In this
Mode, RCAN-ET will enter BusOff if TEC reaches 256 (Dec). However when this mode
is used RCAN-ET will not be able to become Error Active. Consequently, at the end of the
Bus Off recovery sequence, RCAN-ET will move to Error Passive and not to Error Active
When message error occurs, IRR13 is set in all test modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com