Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 898 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 898 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 894Page - Renesas Technology Corp SH7261 Datasheet HTML 895Page - Renesas Technology Corp SH7261 Datasheet HTML 896Page - Renesas Technology Corp SH7261 Datasheet HTML 897Page - Renesas Technology Corp SH7261 Datasheet HTML 898Page - Renesas Technology Corp SH7261 Datasheet HTML 899Page - Renesas Technology Corp SH7261 Datasheet HTML 900Page - Renesas Technology Corp SH7261 Datasheet HTML 901Page - Renesas Technology Corp SH7261 Datasheet HTML 902Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 898 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 866 of 1312
REJ09B0320-0200
When RCAN-ET recognises the end of the Arbitration field while receiving a message, it starts
comparing the received identifier to the identifiers set in the Mailboxes, starting from Mailbox-15
down to Mailbox-0. It first checks the MBC if it is configured as a receive box, and reads LAFM,
and reads the CAN-ID of Mailbox-15 (if configured as receive) to finally compare them to the
received ID. If it does not match, the same check takes place at Mailbox-14 (if configured as
receive). Once RCAN-ET finds a matching identifier, it stores the number of Mailbox-[n] into an
internal buffer, stops the search, and goes back to idle state, waiting for the EndOfFrame (EOF) to
come. When the 6
th bit of EOF is notified by the CAN Interface logic, the received message is
written or abandoned, depending on the NMC bit. No modification of configuration during
communication is allowed. Entering Halt Mode is one of ways to modify configuration. If it is
written into the corresponding Mailbox, including the CAN-ID, i.e., there is a possibility that the
CAN-ID is overwritten by a different CAN-ID of the received message due to the LAFM used.
This also implies that, if the identifier of a received message matches to ID + LAFM of 2 or more
Mailboxes, the higher numbered Mailbox will always store the relevant messages and the lower
numbered Mailbox will never receive messages. Therefore, the settings of the identifiers and
LAFMs need to be carefully selected.
With regards to the reception of data and remote frames described in the above flow diagram the
clearing of the UMSR flag after the reading of IRR is to detect situations where a message is
overwritten by a new incoming message stored in the same mailbox while the interrupt service
routine is running. If during the final check of UMSR a overwrite condition is detected the
message needs to be discarded and read again.
Please note that in the case a received remote frame is overwritten by a data frame, both the
remote frame request interrupt (IRR2) and data frame received interrupt (IRR1) and also the
Receive Flags (RXPR and RFPR) are set. In an analogous way, the overwriting of a data frame by
a remote frame, leads to setting both IRR2 and IRR1.
In the Overrun Mode (NMC = '0'), only the first Mailbox will cause the flags to be asserted. So, if
a Data Frame is initially received, then RXPR and IRR1 are both asserted. If a Remote Frame is
then received before the Data Frame has been read, then RFPR and IRR2 are NOT set. In this case
UMSR of the corresponding Mailbox will still be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com