Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 901 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 901 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 897Page - Renesas Technology Corp SH7261 Datasheet HTML 898Page - Renesas Technology Corp SH7261 Datasheet HTML 899Page - Renesas Technology Corp SH7261 Datasheet HTML 900Page - Renesas Technology Corp SH7261 Datasheet HTML 901Page - Renesas Technology Corp SH7261 Datasheet HTML 902Page - Renesas Technology Corp SH7261 Datasheet HTML 903Page - Renesas Technology Corp SH7261 Datasheet HTML 904Page - Renesas Technology Corp SH7261 Datasheet HTML 905Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 901 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 869 of 1312
REJ09B0320-0200
19.7
Interrupt Sources
Table 19.10 lists the RCAN-ET interrupt sources. With the exception of the reset processing
interrupt (IRR0) by a power-on reset, these sources can be masked. Masking is implemented using
the mailbox interrupt mask register 0 (MBIMR0) and interrupt mask register (IMR). For details on
the interrupt vector of each interrupt source, see section 6, Interrupt Controller (INTC).
Table 19.10 RCAN-ET Interrupt Sources
Channel
Interrupt
Description
Interrupt
Flag
DTC
Activation
Error Passive Mode (TEC
≥ 128 or REC ≥ 128)
IRR5
Bus Off (TEC
≥ 256)/Bus Off recovery
IRR6
Error warning (TEC
≥ 96)
IRR3
ERS_0
Error warning (REC
≥ 96)
IRR4
Message error detection
IRR13*
1
Reset/halt/CAN sleep transition
IRR0
Overload frame transmission
IRR7
Unread message overwrite (overrun)
IRR9
OVR_0
Detection of CAN bus operation in CAN sleep
mode
IRR12
SLE_0
Message transmission/transmission disabled
(slot empty)
IRR8
RM1_0*
2
Not
possible
0
RM0_0*
2
Data frame reception/
Remote frame reception
IRR1*
3
IRR2*
3
Possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com