Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 897 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 897 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 893Page - Renesas Technology Corp SH7261 Datasheet HTML 894Page - Renesas Technology Corp SH7261 Datasheet HTML 895Page - Renesas Technology Corp SH7261 Datasheet HTML 896Page - Renesas Technology Corp SH7261 Datasheet HTML 897Page - Renesas Technology Corp SH7261 Datasheet HTML 898Page - Renesas Technology Corp SH7261 Datasheet HTML 899Page - Renesas Technology Corp SH7261 Datasheet HTML 900Page - Renesas Technology Corp SH7261 Datasheet HTML 901Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 897 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 865 of 1312
REJ09B0320-0200
19.6.4
Message Receive Sequence
The diagram below shows the message receive sequence.
RCAN-ET
CAN Bus
End Of Arbitration Field
End Of Frame
IDLE
Valid CAN-ID Received
Compare ID with
Mailbox[N] + LAFM[N]
(if MBC is config to receive)
Store Mailbox-Number[N]
and go back to idle state
• Store Message by Overwriting
• Set UMSR
• Set IRR9 (if MBIMR[N] = 0)
• Generate Interrupt Signal
(if IMR9 = 0)
• Set RXPR[N] (RFPR[N])
• Set IRR1 (IRR2) (if MBIMR[N] = 0)
• Generate Interrupt Signal
(if IMR1 (IMR2) = 0)
• Reject Message
• Set UMSR
• Set IRR9 (if MBIMR[N] = 0)
• Generate Interrupt Signal
(if IMR9 = 0)
• Set RXPR[N] (RFPR[N])*1
• Store Message
•Set RXPR[N] (RFPR[N])
•Set IRR1 (IRR2) (if MBIMR[N] = 0)
•Generate Interrupt Signal
(if IMR1 (IMR2) = 0)
Valid CAN Frame Received
Clear by clear
UMSR[N]
*2
Write 1 to RXPR[N]
Read Mailbox[N]
IRR[1]
set?
Read IRR
MSG
OverWrite or
OverRun?
(NMC)
OverWrite
OverRun
N = 0?
n = n - 1
No
No
No
No
Yes
Yes
Yes
Write 1 to RFPR[N]
Read Mailbox[N]
Read RFPR[N] = 1
Yes
Yes
CPU received interrupt due to CAN Message Reception
RXPR[N]
(RFPR[N])
Already Set?
ID Matched?
Intrrupt signal
Intrrupt signal
Intrrupt signal
Loop (n = 15; n
≥ 0; n = n - 1)
Read RXPR[N] = 1
Notes: 1. Only if CPU clears RXPR[N]/RFPR[N] at the same time that UMSR is set in overrun, RXPR[N]/RFPR[N] may be set again even thuotgh
the message has not been updated.
2. In case overwrite configuration (NMC = 1) is used for the Mailbox N the message must be discarded when UMSR[N] = 1, UMSR[N]
cleared and the full Interrupt Service Routine started again. In case of overrun configuration (NMC = 0) is used clear again RXPR[N]/
RFPR[N]/UMSR[N] when UMSR[N] = 1 and consider the message obsolate.
Clear by clear
UMSR[N]
*2
Exit Interrpt Service
Routine
Figure 19.11 Message receive sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com