Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 890 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 890 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 886Page - Renesas Technology Corp SH7261 Datasheet HTML 887Page - Renesas Technology Corp SH7261 Datasheet HTML 888Page - Renesas Technology Corp SH7261 Datasheet HTML 889Page - Renesas Technology Corp SH7261 Datasheet HTML 890Page - Renesas Technology Corp SH7261 Datasheet HTML 891Page - Renesas Technology Corp SH7261 Datasheet HTML 892Page - Renesas Technology Corp SH7261 Datasheet HTML 893Page - Renesas Technology Corp SH7261 Datasheet HTML 894Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 890 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 858 of 1312
REJ09B0320-0200
(2)
Halt mode
When RCAN-ET is in Halt mode, it cannot take part to the CAN bus activity. Consequently the
user can modify all the requested registers without influencing existing traffic on the CAN Bus. It
is important for this that the user waits for the RCAN-ET to be in halt mode before to modify the
requested registers - note that the transition to Halt Mode is not always immediate (transition will
occurs when the CAN Bus is idle or in intermission). After RCAN-ET transit to Halt Mode, GSR4
is set.
Once the configuration is completed the Halt request needs to be released. RCAN-ET will join
CAN Bus activity after the detection of 11 recessive bits on the CAN Bus.
(3)
Sleep mode
When RCAN-ET is in sleep mode the clock for the main blocks of the IP is stopped in order to
reduce power consumption. Only the following user registers are clocked and can be accessed:
MCR, GSR, IRR and IMR. Interrupt related to transmission (TXACK and ABACK) and reception
(RXPR and RFPR) cannot be cleared when in sleep mode (as TXACK, ABACK, RXPR and
RFPR are not accessible) and must to be cleared beforehand.
The following diagram shows the flow to follow to move RCAN-ET into sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com