Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 886 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 886 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 882Page - Renesas Technology Corp SH7261 Datasheet HTML 883Page - Renesas Technology Corp SH7261 Datasheet HTML 884Page - Renesas Technology Corp SH7261 Datasheet HTML 885Page - Renesas Technology Corp SH7261 Datasheet HTML 886Page - Renesas Technology Corp SH7261 Datasheet HTML 887Page - Renesas Technology Corp SH7261 Datasheet HTML 888Page - Renesas Technology Corp SH7261 Datasheet HTML 889Page - Renesas Technology Corp SH7261 Datasheet HTML 890Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 886 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 854 of 1312
REJ09B0320-0200
19.5.7
Mailbox Interrupt Mask Register 0 (MBIMR0)
The MBIMR1 and MBIMR0 are 16-bit read/write registers. The MBIMR only prevents the setting
of IRR related to the Mailbox activities, that are IRR[1] – Data Frame Received Interrupt, IRR[2]
– Remote Frame Request Interrupt, IRR[8] – Mailbox Empty Interrupt, and IRR[9] – Message
OverRun/OverWrite Interrupt. If a mailbox is configured as receive, a mask at the corresponding
bit position prevents the generation of a receive interrupt (IRR[1] and IRR[2] and IRR[9]) but
does not prevent the setting of the corresponding bit in the RXPR or RFPR or UMSR. Similarly
when a mailbox has been configured for transmission, a mask prevents the generation of an
Interrupt signal and setting of an Mailbox Empty Interrupt due to successful transmission or
abortion of transmission (IRR[8]), however, it does not prevent the RCAN-ET from clearing the
corresponding TXPR/TXCR bit + setting the TXACK bit for successful transmission, and it does
not prevent the RCAN-ET from clearing the corresponding TXPR/TXCR bit + setting the
ABACK bit for abortion of the transmission.
A mask is set by writing a '1' to the corresponding bit position for the mailbox activity to be
masked. At reset all mailbox interrupts are masked.
• MBIMR0
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1111111111111111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MBIMR0[15:0]
Bit 15 to 0 — Enable or disable interrupt requests from individual Mailbox-15 to Mailbox-0
respectively.
Bit[15:0]: MBIMR0 Description
0
Interrupt Request from IRR1/IRR2/IRR8/IRR9 enabled
1
Interrupt Request from IRR1/IRR2/IRR8/IRR9 disabled (initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com