Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 885 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 885 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 881Page - Renesas Technology Corp SH7261 Datasheet HTML 882Page - Renesas Technology Corp SH7261 Datasheet HTML 883Page - Renesas Technology Corp SH7261 Datasheet HTML 884Page - Renesas Technology Corp SH7261 Datasheet HTML 885Page - Renesas Technology Corp SH7261 Datasheet HTML 886Page - Renesas Technology Corp SH7261 Datasheet HTML 887Page - Renesas Technology Corp SH7261 Datasheet HTML 888Page - Renesas Technology Corp SH7261 Datasheet HTML 889Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 885 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 853 of 1312
REJ09B0320-0200
19.5.6
Remote Frame Receive Pending Register 0 (RFPR0)
The RFPR0 is a 16-bit read/conditionally-write registers. The RFPR is a register that contains the
received Remote Frame pending flags associated with the configured Receive Mailboxes. When a
CAN Remote Frame is successfully stored in a receive mailbox the corresponding bit is set in the
RFPR. The bit may be cleared by writing a '1' to the corresponding bit position. Writing a '0' has
no effect. In effect there is a bit position for all mailboxes. However, the bit may only be set if the
mailbox is configured by its MBC (Mailbox Configuration) to receive Remote Frames. When a
RFPR bit is set, it also sets IRR2 (Remote Frame Request Interrupt Flag) if its MBIMR (Mailbox
Interrupt Mask Register) is not set, and the interrupt signal is generated if IMR2 is not set. Please
note that these bits are only set by receiving Remote Frames and not by receiving Data frames.
• RFPR0
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W*
RFPR0[15:0]
Note: * Only when writing a '1' to clear.
Bit 15 to 0 — Remote Request pending flags for mailboxes 15 to 0 respectively.
Bit[15:0]: RFPR0
Description
0
[Clearing Condition] Writing '1' (Initial value)
1
Corresponding Mailbox received Remote Frame
[Setting Condition] Completion of remote frame receive in corresponding
mailbox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com