Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 881 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 881 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 877Page - Renesas Technology Corp SH7261 Datasheet HTML 878Page - Renesas Technology Corp SH7261 Datasheet HTML 879Page - Renesas Technology Corp SH7261 Datasheet HTML 880Page - Renesas Technology Corp SH7261 Datasheet HTML 881Page - Renesas Technology Corp SH7261 Datasheet HTML 882Page - Renesas Technology Corp SH7261 Datasheet HTML 883Page - Renesas Technology Corp SH7261 Datasheet HTML 884Page - Renesas Technology Corp SH7261 Datasheet HTML 885Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 881 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 849 of 1312
REJ09B0320-0200
19.5.2
Transmit Cancel Register 0 (TXCR0)
TXCR0 is a 16-bit read/conditionally-write registers. The TXCR0 controls Mailbox-15 to
Mailbox-1.This register is used by the CPU to request the pending transmission requests in the
TXPR to be cancelled. To clear the corresponding bit in the TXPR the CPU must write a '1' to the
bit position in the TXCR. Writing a '0' has no effect.
When an abort has succeeded the CAN controller clears the corresponding TXPR + TXCR bits,
and sets the corresponding ABACK bit. However, once a Mailbox has started a transmission, it
cannot be cancelled by this bit. In such a case, if the transmission finishes in success, the CAN
controller clears the corresponding TXPR + TXCR bit, and sets the corresponding TXACK bit,
however, if the transmission fails due to a bus arbitration loss or an error on the bus, the CAN
controller clears the corresponding TXPR + TXCR bit, and sets the corresponding ABACK bit. If
an attempt is made by the CPU to clear a mailbox transmission that is not transmit-pending it has
no effect. In this case the CPU will be not able at all to set the TXCR flag.
• TXCR0
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
—
000000000000000
R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W*
0
TXCR0[15:1]
Note: * Only writing a '1' to a Mailbox that is requested for transmission and is configured as
transmit.
Bit 15 to 1 — Requests the corresponding Mailbox, that is in the queue for transmission, to cancel
its transmission. The bit 15 to 1 corresponds to Mailbox-15 to 1 (and TXPR0[15:1]) respectively.
Bit[15:1]:TXCR0
Description
0
Transmit message cancellation idle state in corresponding mailbox (Initial
value)
[Clearing Condition] Completion of transmit message cancellation
(automatically cleared)
1
Transmission cancellation request made for corresponding mailbox
Bit 0 — This bit is always '0' as this is a receive-only mailbox. Writing a '1' to this bit position has
no effect and always read back as a '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com