Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 865 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 865 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 861Page - Renesas Technology Corp SH7261 Datasheet HTML 862Page - Renesas Technology Corp SH7261 Datasheet HTML 863Page - Renesas Technology Corp SH7261 Datasheet HTML 864Page - Renesas Technology Corp SH7261 Datasheet HTML 865Page - Renesas Technology Corp SH7261 Datasheet HTML 866Page - Renesas Technology Corp SH7261 Datasheet HTML 867Page - Renesas Technology Corp SH7261 Datasheet HTML 868Page - Renesas Technology Corp SH7261 Datasheet HTML 869Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 833 of 1312
REJ09B0320-0200
Bit 11: Reserved. The written value should always be '0' and the returned value is '0'.
Bits 10 to 8 — Time Segment 2 (TSG2[2:0] = BCR1[10:8]): These bits are used to set the
segment TSEG2 ( = PHSEG2) to compensate for edges on the CAN Bus with a negative phase
error. A value from 2 to 8 time quanta can be set as shown below.
Bit 10:
TSG2[2]
Bit 9:
TSG2[1]
Bit 8:
TSG2[0] Description
0
0
0
Setting prohibited (Initial value)
0
0
1
PHSEG2 = 2 time quanta (conditionally prohibited) See the table
below for TSG1 and TSG2 setting.
0
1
0
PHSEG2 = 3 time quanta
0
1
1
PHSEG2 = 4 time quanta
1
0
0
PHSEG2 = 5 time quanta
1
0
1
PHSEG2 = 6 time quanta
1
1
0
PHSEG2 = 7 time quanta
1
1
1
PHSEG2 = 8 time quanta
Bits 7 and 6: Reserved. The written value should always be '0' and the returned value is '0'.
Bits 5 and 4 - ReSynchronisation Jump Width (SJW[1:0] = BCR0[5:4]): These bits set the
synchronisation jump width.
Bit 5:
SJW[1]
Bit 4:
SJW[0]
Description
0
0
Synchronisation Jump width = 1 time quantum (Initial value)
0
1
Synchronisation Jump width = 2 time quanta
1
0
Synchronisation Jump width = 3 time quanta
1
1
Synchronisation Jump width = 4 time quanta
Bits 3 to 1: Reserved. The written value should always be '0' and the returned value is '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com